Part Number Hot Search : 
CS426507 S2731E ER100S03 MJ100 DW1T1 BAS11 HC148 HCT125
Product Description
Full Text Search
 

To Download MMBV2101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Silicon Tuning Diode
These devices are designed in the popular PLASTIC PACKAGE for high volumerequirements of FM Radio and TV tuning and AFC, general frequency control andtuning applications.They provide solid-state reliability in replacement of mechanical tuning methods. Also available in Surface Mount Package up to 33pF. * High Q * Controlled and Uniform Tuning Ratio * Standard Capacitance Tolerance --10% * Complete Typical Design Curves
MMBV2101LT1 MMBV2103LT1 MMBV2105LT1 MMBV2107LT1 MMBV2108LT1 MMBV2109LT1 MV2101 MV2104 MV2106 MV2108 MV2109 MV2111 MV2115
6.8-100p 30 VOLTS VOLTAGE VARIABLE CAPACITANCE DIODES
3
3 CATHODE
1 ANODE
1 2
CASE 318-08, STYLE 8 SOT- 23 (TO-236AB) MAXIMUM RATINGS(EACH DIODE)
Symbol VR IF PD Forward power Dissipation @T A = 25C Derate above 25C Junction Temperature TJ Storage Temperature Range T stg Rating Reverse Voltage Forward Current M V 2 1 X X MMBV21XXLT1 Unit 30 Vdc 200 mAdc 280 225 mW 2.8 1.8 mW/C +150 C -55 to +150 C
DEVICE MARKING
MMBV2101LT1=M4G MMBV2103LT1=4H MMBV2105LT1=4U MMBV2107LT1=4W MMBV2108LT1=4X MMBV2109LT1=4J Symbol V (BR)R IR TCC Min 30 -- -- Typ -- -- 280 Max -- 0.1 -- Unit Vdc Adc ppm/C
ELECTRICAL CHARACTERISTICS(TA=25C unless otherwise noted)
Characteristic Reverse Breakdown Voltage (IR=1.0Adc) Reverse Voltage Leakage Current (VR=25Vdc,TA=25C) Diode Capacitance Temperature Coefficient (VR=4.0Vdc,f=1.0MHz)
MMBV2101~MMBV2109 -1/3 MV2101~MV2115
LESHAN RADIO COMPANY, LTD.
MMBV2101LT1 MMBV2103LT1 MMBV2105LT1 MMBV2107LT1 MMBV2108LT1 MMBV2109LT1 MV2101 MV2104 MV2105 MV2108 MV2109 MV2111 MV2115
C Device V
R T
, Diode Capacitance = 4.0 Vdc, f = 1.0 MHz pF Min 6.1 9.0 10.8 13.5 19.8 24.3 29.7 42.3 90 Nom 6.8 10 12 15 22 27 33 47 100 Max 7.5 11 13.2 16.5 24.2 29.7 36.3 51.7 110
Q, Figure of Merit V R = 4.0 Vdc, f = 50 MHz Typ 450 400 400 400 350 300 200 150 100
T R, Tuning Ratio C 2 /C 30 f = 1.0 MHz Min 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.6 Typ 2.7 2.9 2.9 2.9 2.9 3.0 3.0 3.0 3.0 Max 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.3
MMBV2101LT1/MV2101 MMBV2103LT1 MV2104 MMBV2105LT1/MV2105 MMBV2107LT1 MMBV2108LT1/MV2108 MMBV2109LT1/MV2109 MV2111 MV2115
MMBV2101LT1, MMBV2103LT1, MMBV2105LT1, MMBV2107LT1 thru MMBV2109LT1, are also available in bulk. Use the device title and drop the "T1" suffix when ordering any of these devices in bulk.
PARAMETER TEST METHODS
4.T CC,DIODE CAPACITANCE TEMPERATURE COEFFICIENT TCC is guaranteed by comparing CT at VR=4.0Vdc,f=1.0MHz, TA= - 65C with CT at VR=4.0Vdc,f=1.0MHz,TA= +85C in the following equation,which defines TC C: CT(+85C) - CT(-65C ) 106 . TC C = 85+65 C T(25C) Accuracy limited by measurement of CT to0.1pF.
1. C
T
, DIODE CAPACITANCE
(C T = C C + C J ). C T is measured at 1.0 MHz using a ca-pacitance bridge (Boonton Electronics Model 75A or equivalent). 2. T R, TUNING RATIO T R is the ratio of C T measured at 2.0 Vdc divided by C T measured at 30 Vdc. 3. Q, FIGURE OF MERIT Q is calculated by taking the G and C readings of an ad-mittance bridge at the specified frequency and substitut-ing in the following equations: Q= 2fC G
(Booton Electronics Model 33As8 or equivalent).Use Lead Length ~1/16". ~
MMBV2101~MMBV2109 -2/3 MV2101~MV2115
LESHAN RADIO COMPANY, LTD.
MMBV2101LT1 MMBV2103LT1 MMBV2105LT1 MMBV2107LT1 MMBV2108LT1 MMBV2109LT1 MV2101 MV2104 MV2105 MV2108 MV2109 MV2111 MV2115
TYPICAL DEVICE CHARACTERISTICS
1000 500 C T , DIODE CAPACITANCE (pF)
MV2115
200 100 50 20 10 5.0 2.0 1.0 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30
MMBV2109LT1/MV2109 MMBV2105LT1/MV2105 MMBV2101LT1/MV2101
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Diode Capacitance versus Reverse Voltage
1.040 NORMALIZED DIODE CAPACITANCE I R , REVERSE CURRENT (nA) 1.030 1.020 1.010 1.000 0.990 0.980 0.970 0.960 -75 -50 NORMALIZED TO CT at TA = 25C VR = (CURVE) -25 0 +25 +50 +75 TJ, JUNCTION TEMPERATURE (C) +100 +125 VR = 4.0 Vdc VR = 30 Vdc VR = 2.0 Vdc 100 50 20 10 5.0 2.0 1.0 0.50 0.20 0.10 0.05 0.02 0.01 0 5.0 10 15 20 25 30 TA = 75C TA = 125C
TA = 25C
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Normalized Diode Capacitance versus Junction Temperature
5000 3000 2000 Q, FIGURE OF MERIT 1000 500 300 200 100 50 30 20 10 1.0 2.0 10 3.0 5.0 7.0 VR, REVERSE VOLTAGE (VOLTS) TA = 25C f = 50 MHz 20 30 MMBV2101LT1/MV2101 MMBV2109LT1/MV2109 Q, FIGURE OF MERIT 5000 3000 2000 1000 500 300 200 100 50 30 20 10 10
Figure 3. Reverse Current versus Reverse Bias Voltage
MMBV2101LT1/MV2101
MV2115
MV2115 TA = 25C VR = 4.0 Vdc 20 MMBV2109LT1/MV2109
100 30 50 70 f, FREQUENCY (MHz)
200
250
Figure 4. Figure of Merit versus Reverse Voltage
Figure 5. Figure of Merit versus Frequency
MMBV2101~MMBV2109 -3/3 MV2101~MV2115


▲Up To Search▲   

 
Price & Availability of MMBV2101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X